Part Number Hot Search : 
CM10EX ML6190A C3372 010JTF49 DILM8 S0400 5225B L3015
Product Description
Full Text Search
 

To Download DUG57C-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
DUG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Features
2.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment or (DP) Forward Current Per Segment or (DP) Forward Current (Peak) Per Segment or (DP) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Per Segment or (DP) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF UG (GaP) 20 (10) 25 (25) 140 (140) 250 (125) -40 ~ +85 -40 ~ +85 Unit V mA Operating Characteristics (TA=25C) Forward Voltage (Typ.) Per Segment or (DP) (IF=10mA) Forward Voltage (Max.) Per Segment or (DP) (IF=10mA) Reverse Current Per Segment or (DP) (VR=20(10)V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. DUG57C-A Green GaP 12000 typ. 52990 565 Common Cathode. Rt. Hand Decimal VF UG (GaP) 8.0 (4.0) 10.0 (5.0) Unit
V
VF
V
iFS
mA
IR
10
uA
PT TA Tstg
mW
P D C
565 568 30 15
nm nm nm pF
C
260C For 3~5 Seconds
Part Number
Emitting Color
Emitting Material
Wavelength nm P
Description
Published Date : MAR 04,2008
Drawing No : SDSA2167
V4
Checked : Shin Chi
P.1/5
www.SunLED.com
Part Number:
DUG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 04,2008
Drawing No : SDSA2167
V4
Checked : Shin Chi
P.2/5
www.SunLED.com
Part Number:
DUG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 04,2008
Drawing No : SDSA2167
V4
Checked : Shin Chi
P.3/5
www.SunLED.com
Part Number:
DUG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 04,2008
Drawing No : SDSA2167
V4
Checked : Shin Chi
P.4/5
www.SunLED.com
Part Number:
DUG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUG57C-A
Published Date : MAR 04,2008
Drawing No : SDSA2167
V4
Checked : Shin Chi
P.5/5


▲Up To Search▲   

 
Price & Availability of DUG57C-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X